Part Number Hot Search : 
W6612 M29W004B DBLS207G P4SMAJ43 10150 KBU600 TFS140 SS3144
Product Description
Full Text Search
 

To Download Q62702-F938 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFR 35AP
NPN Silicon RF Transistor * For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA
ESD: Electrostatic discharge sensitive device, observe handling precaution! Type Marking Ordering Code Pin Configuration BFR 35AP GEs Q62702-F938 1=B 2=E 3=C
Package SOT-23
Maximum Ratings Parameter Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation Symbol Values 15 20 20 2.5 30 4 mW 280 150 - 65 ... + 150 - 65 ... + 150 365 C mA Unit V
VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg
1)
TS 48 C
Junction temperature Ambient temperature Storage temperature Thermal Resistance Junction - soldering point
RthJS
K/W
1) TS is measured on the collector lead at the soldering point to the pcb.
Semiconductor Group
1
Dec-12-1996
BFR 35AP
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CEO
15 100 -
V A 10 nA 100 A 100 40 200
IC = 1 mA, IB = 0
Collector-emitter cutoff current
ICES ICBO IEBO hFE
VCE = 20 V, VBE = 0
Collector-base cutoff current
VCB = 10 V, IE = 0
Emitter-base cutoff current
VEB = 2.5 V, IC = 0
DC current gain
IC = 15 mA, VCE = 8 V
Semiconductor Group
2
Dec-12-1996
BFR 35AP
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. AC Characteristics Transition frequency Values typ. max. Unit
fT
3.5 5 0.38 0.2 0.7 -
GHz pF 0.6 dB 1.8 2.9 -
IC = 15 mA, VCE = 8 V, f = 500 MHz
Collector-base capacitance
Ccb Cce
-
VCB = 10 V, f = 1 MHz
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Emitter-base capacitance
Ceb
-
VEB = 0.5 V, f = 1 MHz
Noise figure
F
IC = 2 mA, VCE = 6 V, ZS = ZSopt f = 900 MHz f = 1.8 GHz
Power gain
2)
Gma
IC = 15 mA, VCE = 8 V, ZS = ZSopt ZL = ZLopt f = 900 MHz f = 1.8 GHz
Transducer gain |S21e|2 12.5 7 15 9.5 -
IC = 15 mA, VCE = 8 V, ZS =ZL= 50 f = 900 MHz f = 1.8 GHz
2) Gma = |S21/S12| (k-(k2-1)1/2)
Semiconductor Group
3
Dec-12-1996


▲Up To Search▲   

 
Price & Availability of Q62702-F938

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X